PART |
Description |
Maker |
TSC390 TSC395 TSC391 TSC392 TSC393 TSC394 TSC391AL |
FPGA, CYCLONE III, 80K LE, 780FBGA Programmable Logic Type:FPGA; Logic IC function:FPGA; Logic IC family:Cyclone III; Logic IC Base Number:3; I/O lines, No. of:429; IC FLEX 6000 FPGA 10K 100-TQFP IC CYCLONE III FPGA 80K 484 UBGA Dual Interface Buffers
|
MICROSEMI[Microsemi Corporation]
|
BTB06-600B BTB06-600BRG BTB06-600BW BTB06-600BWRG |
800 V, 6 A, SNUBBERLESS TRIAC, TO-220AB SNUBBERLESS?? LOGIC LEVEL & STANDARD SNUBBERLESS LOGIC LEVEL & STANDARD 缓冲器⑩,逻辑电平 (65.93 k) 5.93十一 INDICATOR BODY, ROUND; Lamp fitting type:Midget Groove; Approval Bodies:BEAB, CSA, VDE, UL; Current, contact max:6A; Depth, external:42mm; Diameter, bezel:18mm; IP rating:IP65; Operations, mechanical No. of:1000000; Temp, op. RoHS Compliant: Yes 240 x 128 pixel format, LED or EL Backlight SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute SNUBBERLESS LOGIC LEVEL & STANDARD SNUBBERLESS/ LOGIC LEVEL & STANDARD Transient Voltage Suppressor Diodes SNUBBERLESS⑩, LOGIC LEVEL & STANDARD From old datasheet system SNUBBERLESS, LOGIC LEVEL & STANDARD 6A TRIACS SNUBBERLESS? LOGIC LEVEL & STANDARD
|
STMicroelectronics N.V. International Rectifier, Corp. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
MAX3.00A EPM3032ALC44-10 EPM3032ALC44-4 EPM3032ALC |
Programmable logic , 128 macrocells, 8 logic array blocks, 96 I/O pins, 7ns Programmable logic , 128 macrocells, 8 logic array blocks, 96 I/O pins, 5ns Programmable logic , 128 macrocells, 8 logic array blocks, 96 I/O pins, 10ns Programmable logic , 64 macrocells, 4 logic array blocks, 66 I/O pins, 7ns Programmable logic , 64 macrocells, 4 logic array blocks, 66 I/O pins, 4ns Programmable logic , 64 macrocells, 4 logic array blocks, 66 I/O pins, 10ns Programmable logic , 32 macrocells, 2 logic array blocks, 34 I/O pins, 7ns Programmable logic , 32 macrocells, 2 logic array blocks, 34 I/O pins, 4ns Programmable logic , 32 macrocells, 2 logic array blocks, 34 I/O pins, 10ns Programmable Logic Device Family
|
Altera Corporation
|
BU4070B/BF BU4030B/BF |
Standard Logic LSIs > CMOS logic BU4000B Series
|
ROHM
|
BU4538B |
Standard Logic LSIs > CMOS logic BU4000B Series
|
ROHM Philips Semiconductors
|
BU4S71 |
Standard Logic LSIs > CMOS logic BU4S Series
|
ROHM
|
BU4011B/BF/BFV |
Standard Logic LSIs > CMOS logic BU4000B Series
|
ROHM
|
BU4051BC/BCF/BCFV |
Standard Logic LSIs > CMOS logic BU4000B Series
|
ROHM
|
HCPL-6230 HCPL-6231 HCPL-623K HCPL-6250 HCPL-6251 |
1 CHANNEL LOGIC OUTPUT OPTOCOUPLER, 5 Mbps Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
|
AVAGO TECHNOLOGIES LIMITED
|
HCPL-2400 HCPL-2430 HCPL2400 HCPL-2400500 |
20 MBd High CMR Logic Gate Optocouplers 1 CHANNEL LOGIC OUTPUT OPTOCOUPLER, 40 Mbps 0.300 INCH, DIP-8
|
Agilent (Hewlett-Packard) Agilent(Hewlett-Packard) Ecliptek, Corp.
|
|